Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102AG-27-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1102AG-27-AF5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102AG-27-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1102AG-27-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102AG-27-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R502-038. K
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
9
V
Input Voltage
VCE
-0.3 ~ VIN+0.3
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Output Current
IOUT
200
mA
Power Dissipation
PD
250
mW
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-55 ~ +125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
LR1102A-XX
(TOPR=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN=Set VOUT + 1V, 1mA≤IOUT≤30mA
VOUTx0.98
VOUTx1.02
V
VIN=Set VOUT + 1V, 0mA≤IOUT≤150mA
VOUTx0.97
VOUTx1.03
V
Output Voltage
VOUT
VIN=9V, 0mA≤IOUT≤150mA
VOUTx0.97
VOUTx1.03
V
Output Current
IOUT
Refer to the Electrical Characteristics by Output Voltage
Load Regulation
∆VOUT/∆IOUT VIN=Set VOUT + 1V, 1mA≤IOUT≤80mA
12
40
mV
Dropout Voltage
VDIF
Refer to the Electrical Characteristics by Output Voltage
Supply Current
ISS
VIN=Set VOUT + 1V
35
70
μA
Supply Current (Standby)
IST-BY
VIN=VCE=Set VOUT + 1V
0.1
1.0
μA
Line Regulation
∆VOUT/∆VIN Set VOUT + 0.5V≤VIN≤8V, IOUT=30mA
0.05
0.20
%/V
Ripple Rejection
RR
f=1kHz, Ripple 0.5Vp-p,
VIN=Set VOUT+ 1V
70
dB
Input Voltage
VIN
2
8
V
Output Voltage
Temperature Coefficient
∆VOUT/∆T IOUT = 30mA, -20°С≤TOPR≤85°С
±100
ppm/°С
Short Current Limit
ILIMIT
VOUT=0V
200
mA
CE Pull-up Resistance
RPU
2.5
5.0
10.0
MΩ
CE Input Voltage ”H”
VCEH
1.5
VIN
V
CE Input Voltage ”L”
VCEL
0.00
0.25
V
Output Noise
eN
BW = 10Hz ~ 100kHz
30
μVrms
LR1102B-XX
(TOPR=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=Set VOUT + 1V, 1mA≤IOUT≤30mA
VOUTx0.98
VOUTx1.02
V
Output Voltage
VOUT
VIN=Set VOUT + 1V, 0mA≤IOUT≤150mA
VOUTx0.97
VOUTx1.03
V
Output Voltage
VOUT
VIN=9V, 0mA≤IOUT≤150mA
VOUTx0.97
VOUTx1.03
V
Output Current
IOUT
Refer to the Electrical Characteristics by Output Voltage
Load Regulation
∆VOUT/∆IOUT VIN=Set VOUT + 1V, 1mA≤IOUT≤80mA
12
40
mV
Dropout Voltage
VDIF
Refer to the Electrical Characteristics by Output Voltage
Supply Current
ISS
VIN=Set VOUT + 1V
35
70
μA
Supply Current (Standby)
IST-BY
VIN= Set VOUT + 1V, VCE=GND
0.1
1.0
μA
Line Regulation
∆VOUT/∆VIN Set VOUT + 0.5V≤VIN≤8V, IOUT=30mA
0.05
0.20
%/V
Ripple Rejection
RR
f=1kHz, Ripple 0.5Vp-p
VIN=Set VOUT + 1V
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com