Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2125 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR2125
Description  SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2125 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR2125 Datasheet HTML 1Page - Unisonic Technologies LR2125 Datasheet HTML 2Page - Unisonic Technologies LR2125 Datasheet HTML 3Page - Unisonic Technologies LR2125 Datasheet HTML 4Page - Unisonic Technologies LR2125 Datasheet HTML 5Page - Unisonic Technologies LR2125 Datasheet HTML 6Page - Unisonic Technologies LR2125 Datasheet HTML 7Page - Unisonic Technologies LR2125 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LR2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R102-038.I
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
12: 1.2V
18: 1.8V
25: 2.5V
33: 3.3V
AD: ADJ
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
SHDN
Control pin for shutdown
Logic High: enable
Logic Low: shutdown
2
GND
Ground
3
VIN
Voltage supply
4
VOUT
Output pin
5
SET
When this pin is connected to ground, turns to fixed output voltage operation.
When this pin is connected to an external resistor divider, turns to adjustable output
voltage mode operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com