Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR478G-25-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR478G-25-S08-R
Description  REGULATORRESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR478G-25-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LR478G-25-S08-R Datasheet HTML 1Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 2Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 3Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 4Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 5Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 6Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 7Page - Unisonic Technologies LR478G-25-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LR478
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R119-003.C
TYPICAL CHARACTERISTICS
5
23
4
1
0
3
5
2
1
Input Voltage (V)
Detection Voltage
4
0
VOUT
RESET
IOUT =0mA
25
50
0
-25
3.42
3.5
3.38
3.34
Temperature (°C)
Output Volttage vs Temperature
3.46
3.3
3.48
3.44
3.4
3.36
3.32
100
75
125
9
67
8
5
4
20
-10
Input Voltage (V)
Line Regulation
10
-20
10
15
5
0
-5
-15
Output Current (mA)
300
250
100 150
200
50
0
30
-10
Load Regulation
10
20
0
-20
-30
1000
10000
100
10
60
100
40
20
Frequency (Hz)
Ripple Rejection
80
0
90
70
50
30
10
100000
Temperature (°C)
Detecting Volttage vs Temperature
25
50
0
-25
4.22
4.3
4.18
4.14
4.26
4.1
4.28
4.24
4.2
4.16
4.12
100
75
125



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com