Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR478L-34-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR478L-34-S08-R
Description  REGULATORRESET IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR478L-34-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR478L-34-S08-R Datasheet HTML 1Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 2Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 3Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 4Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 5Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 6Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 7Page - Unisonic Technologies LR478L-34-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR478
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., LTD
QW-R119-003.C
REGULATOR+RESET IC
DESCRIPTION
The UTC LR478 developed for use in CD-ROM drives,
combines a 3V regulator adapted to low power consumption with
a much-sought reset function (regulator input monitoring),with
internal delay circuit, set to detect 4.2V.
FEATURES
*Large Output Current: 300mA (max.)
*High Ripple Rejection Rate: 80dB(typ.)
*Internal Thermal Shutdown Circuit
*Internal Current Limiting Circuit
*Easy Set Delay Time from Voltage Detection to Reset Release
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
LR478L-xx-S08-T
LR478G-xx-S08-T
SOP-8
Tube
LR478L-xx-S08-R
LR478G-xx-S08-R
SOP-8
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.
OUTPUT DETECTION VOLTAGE RANK LIST
PART NUMBER
REGULATOR OUTPUT VOLTAGE (V)
DETECTION VOLTAGE (V)
LR478-3.4V
3.40±0.05
4.20±0.09
LR478-3.3V
3.30±0.05
4.20±0.09
LR478-2.5V
2.50±0.05
4.20±0.09
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOP-8
25: 2. 5V
33: 3. 3V
34: 3. 4V


Similar Part No. - LR478L-34-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR478L-XX-S08-R UTC-LR478L-XX-S08-R Datasheet
133Kb / 8P
LINEAR INTEGRATED CIRCUIT
LR478L-XX-S08-R UTC-LR478L-XX-S08-R Datasheet
165Kb / 8P
REGULATORRESET IC
LR478L-XX-S08-T UTC-LR478L-XX-S08-T Datasheet
133Kb / 8P
LINEAR INTEGRATED CIRCUIT
LR478L-XX-S08-T UTC-LR478L-XX-S08-T Datasheet
165Kb / 8P
REGULATORRESET IC
More results

Similar Description - LR478L-34-S08-R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
RegulatorReset IC Monolithic IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
RegulatorReset IC
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
RegulatorReset IC
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
500mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
IC for RegulatorReset Monolithic IC
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
IC for CMOS RegulatorReset Monolithic IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
REGULATORRESET IC
logo
Anpec Electronics Corop...
APL5538 ANPEC-APL5538 Datasheet
382Kb / 17P
Dual Channel 300mA Regulator Reset IC
logo
E-Tech Electronics LTD
LR478 ETL-LR478 Datasheet
240Kb / 8P
REGULATORRESET IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com