Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MX55G-33-AB5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # R1MX55G-33-AB5-R
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55G-33-AB5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  R1MX55G-33-AB5-R Datasheet HTML 1Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 2Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 3Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 4Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 5Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 6Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 7Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 8Page - Unisonic Technologies R1MX55G-33-AB5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R101-023.H
ELECTRICAL CHARACTERISTICS (Cont.)
For SOT-89-5 ADJ
(VIN=3.5V, VOUT=2.44V (R1=R2=100KΩ), IOUT=30mA, VC=1.8V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
Input Voltage
VIN
2.6
9.0
V
Output Voltage
VOUT
1.3
5.0
V
Load Regulation
∆VOUT
IOUT=5~500mA
10
100
mV
Line Regulation
∆VOUT
VIN=3.5~8.5V
6
20
mV
Ripple Rejection
RR
55
dB
Dropout Voltage
VD
IOUT=500mA
0.7
V
Reference Voltage
VREF
1.196 1.22 1.244
V
Temperature Coefficient of Output Voltage
TCVOUT
TJ=25 ~ 75°C, IOUT=10mA
±0.1
mV/°C
Output Noise Voltage
VNO(RMS)
10HZ < f < 100kHZ
100
μV
On-State Voltage for Control
VC(ON)
(Note)
1.8
V
On-State Current for Control
IC(ON)
VC=1.8V
20
70
μA
Off-State Voltage for Control
VC(OFF)
0.4
V
Quiescent Current
IQ
IOUT=0A
0.8
1.2
mA
Output Off-State Consumption Current
IQS
VC=0.2V
1
μA
Note: In case that the control terminal (3th pin) is non-connection, output voltage should be OFF state.
For HSOP-8 ADJ
(VIN= VO +2.5V, VOUT=1.8V, VEN= VIN, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
2.6
15
V
Output Voltage Accuracy
VOUT
-2
+2
%
IOUT=0.1mA
0.85
IOUT=50mA
1.26
IOUT=100mA
1.67
Quiescent Current
IQ
IOUT=150mA
2.05
5
mA
Reference Voltage
VREF
-2%
1.2
+2%
V
Line Regulation
REGLINE
VOUT+2.5V<VIN<15V,IOUT=1mA
0.5
%
Load Regulation
REGLOAD
0.1mA<IOUT<150mA
0.5
1
%
IOUT=0.1mA
10
100
IOUT=50mA
40
100
IOUT=100mA
70
150
Dropout Voltage
VDROP
IOUT=150mA
100
200
mV
Maximum Output Current
IO(MAX)
VIN =VOUT +2.5V
250
mA
PROTECTION
Over Temperature Shutdown
140
°C
Over Temperature Shutdown Hysteresis
OTS
30
°C
SHUTDOWN
Input High Voltage
2.0
Input Low Voltage
VEN
0.4
V
Shutdown Supply Current
IQ(SHDN)
EN=Low, VIN=15V
0.1
10
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com