Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102AG-35-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1102AG-35-AF5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102AG-35-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1102AG-35-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102AG-35-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1102
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-038. K
LOW NOISE 150mA LDO
REGULATOR
DESCRIPTION
The UTC LR1102 families are CMOS-based voltage
regulator ICs with extremely low supply current, high output
voltage accuracy, high Ripple Rejection and chip enable circuit.
These ICs performance are excellent and with SOT-25
package, thus these ICs are very suitable for hand-held
communication equipment.
FEATURES
* Ultra-Low Supply Current : Typ. 35µA
* Standby Mode: Typ. 0.1µA
* Low Dropout Voltage: Typ. 0.2V (IOUT = 100mA)
* Excellent Line Regulation: Typ. 0.05%/V
* High Ripple Rejection: Typ. 70dB (f = 1kHz)
ORDERING INFORMATION
Ordering Number
Pin Assignment
Halogen Free
Package
1
2
3
4
5
Packing
LR1102XG-xx-AF5-R
SOT-25
I
G
C
N
O
Tape Reel
Note: Pin Assignment: I: VDD O: VOUT G: GND C: CE/ CE
N: No Connection


Similar Part No. - LR1102AG-35-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102A-15-AF5-R UTC-LR1102A-15-AF5-R Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
LR1102A-18-AF5-R UTC-LR1102A-18-AF5-R Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
LR1102A-25-AF5-R UTC-LR1102A-25-AF5-R Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
LR1102A-27-AF5-R UTC-LR1102A-27-AF5-R Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
LR1102A-28-AF5-R UTC-LR1102A-28-AF5-R Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - LR1102AG-35-AF5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
R1116N151B RICOH-R1116N151B Datasheet
803Kb / 26P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com