Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1120G-28-AL5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1120G-28-AL5-R
Description  LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1120G-28-AL5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1120G-28-AL5-R Datasheet HTML 1Page - Unisonic Technologies LR1120G-28-AL5-R Datasheet HTML 2Page - Unisonic Technologies LR1120G-28-AL5-R Datasheet HTML 3Page - Unisonic Technologies LR1120G-28-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LR1120
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-331.l
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
SOT-353
18 :1.8V
25 :2.5V
28 :2.8V
30: 3.0V
31 :3.1V
33 :3.3V
40 :4.0V
PIN DESCRIPTION
PIN CODE
A
B
C
D
PIN
NAME
DESCRIPTION
1
1
1
2
VIN
Supply voltage input.
2
2
2
1
GND
Ground.
3
3
3
-
EN
Input logic pin, active high for enabling the chip. When this pin goes to
a logic low, the chip will be shutdown.
4
-
-
-
SS
Soft start pin.
5
4
5
3
VOUT
Regulator output voltage pin.
-
5
4
4, 5
NC
No Connection
BLOCK DIAGRAM
POR
OTP
Current Limit
MOS Driver
SS
EN
R
VREF
VIN
VOUT
GND
+
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com