Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102AL-35-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1102AL-35-AF5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102AL-35-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1102AL-35-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102AL-35-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R502-038. K
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2
8
V
Output Voltage
Temperature Coefficient
∆VOUT/∆T IOUT = 30mA, -20°С≤TOPR≤85°С
±100
ppm/°С
Short Current Limit
ILIMIT
VOUT=0V
200
mA
CE Pull-down Resistance
RPD
2.5
5.0
10.0
MΩ
CE Input Voltage ”H”
VCEH
1.5
VIN
V
CE Input Voltage ”L”
VCEL
0.00
0.25
V
Output Noise
eN
BW = 10Hz ~ 100kHz
30
μVrms
ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE
(TOPR=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Current
IOUT
VIN -VOUT = 1.0V
1.8≤VOUT≤5.0
150
mA
1.8≤VOUT≤2.7
0.18
0.30
V
2.8≤VOUT≤3.3
0.18
0.25
V
3.4≤VOUT≤5.0
0.15
0.22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com