Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MX55G-AD-AB5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # R1MX55G-AD-AB5-R
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55G-AD-AB5-R Datasheet(HTML) 8 Page - Unisonic Technologies

  R1MX55G-AD-AB5-R Datasheet HTML 1Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 2Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 3Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 4Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 5Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 6Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 7Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 8Page - Unisonic Technologies R1MX55G-AD-AB5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R101-023.H
TYPICAL CHARACTERISTICS(FOR SOT-89-5)
Output Current, IOUT(mA)
50 100 150 200 250 300 350 400
0
0.05
0.10
0.15
0.20
0.25
Dropout Voltage vs.
Output Current (Typical Values)
10
-20
85
105
125
0
-30
Junction Temperature, TJ(°C)
-10
20
25
30
40
45
50
65
Output Voltage Deviation vs.
Junction Temperature (Typical Values)
450 500 550
-40
-50
TA=25℃, VC=1.8, VIN=Input voltage
when output voltage falls 0.1V from that
at VIN=VOUT(TYP)+1.0V, CI=CO=1u
(ceramic capacitor)
VIN=4.3V, VC=1.8V, IOUT=30mA,
CI=CO=1u (ceramic capacitor)
-15
5
-25
Time(µs)
Load Transient Response
0
-50
50
100
-100
50
500
0
100
200
300 400
500
600
700 800 900 1000
Time(µs)
Line Transient Response
0
-200
100
200
-100
0
1
0
100
200
300 400
500
600
700 800 900 1000
TA=25℃,VC=1.8V,
CI=CO=1u (ceramic capacitor)
TA=25℃,VIN=5V, VC=1.8V, IOL=50mA,
CI=CO=1u (ceramic capacitor)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com