Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1MX55G-50-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # R1MX55G-50-SH2-R
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55G-50-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  R1MX55G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 7Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 8Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R101-023.H
PIN CONFIGURATION
FOR HSOP-8
PIN DESCRIPTIONS
FOR ADJUSTABLE VERSION
PIN NO.
PIN NAME
FUNCTION
SOT89-5 PACKAGE
1
VADJ
Output voltage adjustment
2
GND
Ground
3
VC
ON/OFF control
4
VIN
DC input
5
VOUT
DC output
HSOP-8 PACKAGE
1
VOUT
DC output
2, 3, 6
NC
No Connection
4
ADJ
Output voltage adjustment
5
EN
Enable pin, Logic Low=Shutdown; Logic High= Enable
7
GND
Ground
8
VIN
DC input
FOR FIXED VERSION
PIN NO
PIN NAME
DESCRIPTION
SOT89-5 PACKAGE
1
NC
No Connection
2
GND
Ground
3
VC
ON/OFF control
4
VIN
DC input
5
VOUT
DC output
HSOP-8 PACKAGE
1
VOUT
DC output
2, 3, 6
NC
No Connection
4
NC
No Connection
5
EN
Enable pin, Logic Low=Shutdown; Logic High= Enable
7
GND
Ground
8
VIN
DC input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com