Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1102BG-30-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1102BG-30-AF5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1102BG-30-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1102BG-30-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR1102BG-30-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LR1102
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R502-038. K
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
LR1102A
25:2.5V
27:2.7V
28:2.8V
2J:2.85V
30:3.0V
33:3.3V
35:3.5V
50:5.0V
LR1102B
18: 1. 8V
25:2.5V
27:2.7V
28:2.8V
2J:2.85V
30:3.0V
33:3.3V
35:3.5V
50:5.0V
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VDD
Input Pin
2
GND
Ground Pin
3
CE/CE
Chip Enable Pin
4
NC
No Connection
5
VOUT
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com