Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1121BG-38-AF5-A-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1121BG-38-AF5-A-R
Description  HIGH RIPPLE-REJECTION LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1121BG-38-AF5-A-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1121BG-38-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1121BG-38-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1121BG-38-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1121BG-38-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies LR1121BG-38-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies LR1121BG-38-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR1121B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-101.G
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
21:2.1V
22:2.2V
23:2.3V
24:2.4V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
2J:2.85V
29:2.9V
30:3.0V
31:3.1V
32:3.2V
33:3.3V
34:3.4V
35:3.5V
36:3.6V
37:3.7V
38:3.8V
39:3.9V
40:4.0V
41:4.1V
42:4.2V
43:4.3V
44:4.4V
45:4.5V
46:4.6V
47:4.7V
48:4.8V
49:4.9V
50:5.0V
51:5.1V
52:5.2V
53:5.3V
54:5.4V
55:5.5V
5
4
3
Pin Code
Voltage Code
2
1
K
L: Lead Free
G: Halogen Free
PIN DESCRIPTION
PIN NO.
A
B
SYMBOL
DESCRIPTION
5
1
VOUT
Output pin
2
2
VSS
GND pin
1
3
VIN
Input pin
3
4
ON/OFF
Chip enable pin
4
5
NC*
No connection (The NC pin is electrically open or connected to VIN or VSS.)
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com