Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1121BG-40-AF5-A-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1121BG-40-AF5-A-R
Description  HIGH RIPPLE-REJECTION LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1121BG-40-AF5-A-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1121BG-40-AF5-A-R Datasheet HTML 1Page - Unisonic Technologies LR1121BG-40-AF5-A-R Datasheet HTML 2Page - Unisonic Technologies LR1121BG-40-AF5-A-R Datasheet HTML 3Page - Unisonic Technologies LR1121BG-40-AF5-A-R Datasheet HTML 4Page - Unisonic Technologies LR1121BG-40-AF5-A-R Datasheet HTML 5Page - Unisonic Technologies LR1121BG-40-AF5-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR1121B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-101.G
TEST CIRCUIT
Note:
Input capacitor (CIN): 1.0 μF or more
Output capacitor (CL): 2.2μF or more (tantalum capacitor)
SELECTION OF OUTPUT CAPACITOR (CL)
In this IC, phase compensation and the output capacitor is made for securing stable operation even if the load
current is varied. Therefore, always place a capacitor (CL) of 2.2 μF or more between VOUT and VSS pins. Using a
capacitor whose ESR is outside the optimum range (approximately 0.5 ~ 5Ω), whether larger or smaller, may cause
an unstable output, resulting in oscillation. For this reason, a tantalum electrolytic capacitor is recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com