Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2954G-33-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM2954G-33-AA3-R
Description  300mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954G-33-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM2954G-33-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2954G-33-AA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2954
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R102-002.O
300mA LOW-DROPOUT
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM2954 is a monolithic integrated voltage regulator
with low dropout voltage, and low quiescent current. It includes
many features that suitable for different applications with TO-92,
DIP-8, SOP-8 and SOT-223 packages.
FEATURES
*High Accuracy Fixed Output.
*Output Voltage Programmable and Logic Controlled Shutdown
And Error Flag Available for DIP and SOP Package.
*Extremely Low Quiescent Current And Dropout Voltage.
*Extremely Tight Load And Line Regulation.
*Current and Thermal Limiting.
*Very low Temperature Coefficient.
ORDERING INFORMATION
Ordering Number
Pin assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
LM2954L-xx-AA3-R
LM2954G-xx-AA3-R
SOT-223
I
G
O
Tape Reel
LM2954L-xx-AA3-A-R
LM2954G-xx-AA3-A-R
SOT-223
G
O
I
Tape Reel
LM2954L-xx-D08-T
LM2954G-xx-D08-T
DIP-8
Tube
LM2954L-xx-S08-R
LM2954G-xx-S08-R
SOP-8
refer to Pin
Configurations
Tape Reel
LM2954L-xx-T92-B
LM2954G-xx-T92-B
TO-92
O
G
I
Tape Box
LM2954L-xx-T92-K
LM2954G-xx-T92-K
TO-92
O
G
I
Bulk
Note: Pin assignment: I: VIN
O: VOUT
G: GND


Similar Part No. - LM2954G-33-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954G-XX-AA3-A-R UTC-LM2954G-XX-AA3-A-R Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954G-XX-AA3-R UTC-LM2954G-XX-AA3-R Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954G-XX-AA3-R UTC-LM2954G-XX-AA3-R Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954G-XX-AA3-R UTC-LM2954G-XX-AA3-R Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954G-XX-D08-T UTC-LM2954G-XX-D08-T Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LM2954G-33-AA3-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102_1 Datasheet
171Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com