Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2954G-50-AA3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM2954G-50-AA3-R
Description  300mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954G-50-AA3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LM2954G-50-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2954G-50-AA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-002.O
ELECTRICAL CHARACTERISTICS(Cont.)
LM2954-ADJ FOR 8-PIN VERSION ONLY
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
1.22
1.235
1.25
V
Reference Voltage
VREF
VREFVOUT(VIN-1V),
2.3V
VIN18V,
100μA
IL100mA, TJTJMAX
1.19
1.27
V
Feedback Pin Bias Current
IB(FB)
20
40
nA
Reference Voltage Temperature
Coefficient
TCVREF
50
ppm/°C
Feedback Bias Current Temperature
Coefficient
TCIO
0.1
nA/°C
ERROR COMPARATOR
Output Leakage Current
IO(LEAK)
VOH=28V
1
μA
Output Low Voltage
VOL
VIN=4.5V, IOL=400μA
250
mV
Upper Threshold Voltage
VTHD(UP) (Note 3)
3.2
%VOUT
Lower Threshold Voltage
VTHD(LOW) (Note 3)
7.6
%VOUT
Hysteresis
VHYS
(Note 3)
15
mV
SHUTDOWN INPUT
Low (Regulator ON)
1.3
0.70
Input Logic Voltage
VI(LOG)
High (Regulator OFF)
2.0
V
VSHDN=2.4V
30
50
μA
Shutdown Pin Input Current
II(SHDN)
VSHDN=28V
450
600
μA
Regulator Output Current Shutdown
IO(SHDN)
VSHDN≧2V,VIN≦28V, VOUT=0,
Feedback pin tied to 5V Tap.
3
10
μA
Note: 1. Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense
(VOUT=5V) and VSHDN≦0.8V.
2. Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential.
3. Comparator thresholds are expressed in terms of percentage value of voltage output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com