Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2950G-25-D08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M2950G-25-D08-R
Description  200mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2950G-25-D08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  M2950G-25-D08-R Datasheet HTML 1Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 2Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 3Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 4Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 5Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 6Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 7Page - Unisonic Technologies M2950G-25-D08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R102-004.J
TYPICAL CHARACTERISTICS
Dropout Characteristics
Input Voltage(V)
Input Current
Input Voltage(V)
1
2
34
5
6
0
0
1
2
3
4
5
6
RL=50k
RL=20
02
4
6
8
10
12
150
170
190
210
230
250
270
290
310
RL=20
Dropout Voltage
Temperature(°С)
Ground Pin Current
Temperature(°С)
-75 -50 -25 0
25 50 75 100 125 150
0
50
100
300
400
500
600
IL=200mA
IL=100μA
50
60
70
80
90
100
110
120
-75 -50 -25
0
25 50 75 100 125 150
VIN=6V
IL=100μA
130
Ground Pin Current
Temperature(°С)
Shutdown Threshold Voltage
Temperature(°С)
-75 -50 -25
0
25 50 75 100 125 150
-75 -50 -25 0
25
50 75 100 125 150
6
7
8
9
10
VIN=6V
IL=200mA
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com