Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1121AS Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1121AS
Description  Dual 1A Low Dropout Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1121AS Datasheet(HTML) 2 Page - Anachip Corp

  AP1121AS Datasheet HTML 1Page - Anachip Corp AP1121AS Datasheet HTML 2Page - Anachip Corp AP1121AS Datasheet HTML 3Page - Anachip Corp AP1121AS Datasheet HTML 4Page - Anachip Corp AP1121AS Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1121
Dual 1A Low Dropout Positive Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 0.0 Mar. 4, 2004
2/5
Typical Circuit
5V
3.3V/1A
C2
100uF
V
IN
V
OUT1
GND
V
IN
C1
100uF
C3
100uF
2.5V/1A
V
OUT2
GND
GND
GND
(3.3V/2.5V Dual output )
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Block Diagram
2
Thermal
Shutdown
1
V
OUT1
1.25V
+
+
CURRENT
LIMIT
V
IN
+
-
+
5/6
GND
3
Thermal
Shutdown
4
V
OUT2
1.25V
+
+
CURRENT
LIMIT
V
IN
+
-
+
7/8
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com