Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2314 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2314
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2314 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2314 Datasheet HTML 1Page - Anpec Electronics Coropration APM2314 Datasheet HTML 2Page - Anpec Electronics Coropration APM2314 Datasheet HTML 3Page - Anpec Electronics Coropration APM2314 Datasheet HTML 4Page - Anpec Electronics Coropration APM2314 Datasheet HTML 5Page - Anpec Electronics Coropration APM2314 Datasheet HTML 6Page - Anpec Electronics Coropration APM2314 Datasheet HTML 7Page - Anpec Electronics Coropration APM2314 Datasheet HTML 8Page - Anpec Electronics Coropration APM2314 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
4
APM2314
0
5
10
15
20
0
100
200
300
400
500
600
12
345678
9
10
0.030
0.035
0.040
0.045
0.050
0.055
0.060
0.065
0.070
01234
5
6
7
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
0.0
0.5
1.0
1.5
2.0
2.5
Typical Characteristics (Cont.)
On-Resistance vs. Junction Temperature
VGS=4.5V
ID=1.2A
TJ - Junction Temperature (°C)
VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
VGS - Gate-to-Source Voltage (V)
ID=1.2A
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Gate Charge (nC)
VDS=10V
ID=3A
Frequency=1MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com