Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS32A Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32A
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32A Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS32A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AS7C3364PFS32A
AS7C3364PFS36A
®
2/1/01
Alliance Semiconductor
P. 10 of 11
AC test conditions
Notes
1
For test conditions, see AC Test Conditions, Figures A, B, C.
2
This parameter measured with output load condition in Figure C.
3
This parameter is sampled, but not 100% tested.
4tHZOE is less than tLZOE; and tHZC is less than tLZC at any given temperature and voltage.
5
tCH measured as HIGH above VIH and tCL measured as LOW below VIL.
6
This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs must
meet the setup and hold times for all rising edges of CLK when chip is enabled.
7
Write refers to
GWE, BWE, BW[a:d].
8
Chip select refers to
CE0, CE1, CE2.
351
Ω
5 pF*
317
Ω
DOUT
GND
Figure C: Output load(B)
*including scope
and jig capacitance
Z0 = 50Ω
DOUT
50
Ω
Figure B: Output load (A)
30 pF*
Figure A: Input waveform
10%
90%
GND
90%
10%
+3.0V
• Output load: see Figure B, except for tLZC, tLZOE, tHZOE, tHZC, see Figure C.
• Input pulse level: GND to 3V. See Figure A.
• Input rise and fall time (measured at 0.3V and 2.7V): 2 ns. See Figure A.
• Input and output timing reference levels: 1.5V.
VL = 1.5V
for 3.3V I/O;
= VDDQ/2
for 2.5V I/O
Thevenin equivalent:
+3.3V for 3.3V I/O;
+2.5V for 2.5V I/O
Package Dimensions
100-pin quad flat pack (TQFP)
Dimensions in millimeters
TQFP
Min
Max
A1
0.05
0.15
A2
1.35
1.45
b
0.22
0.38
c
0.09
0.20
D
13.90
14.10
E
19.90
20.10
e
0.65 nominal
Hd
15.90
16.10
He
21.90
22.10
L
0.45
0.75
L1
1.00 nominal
α
0°
7°
He
E
Hd
D
b
e
A1 A2
L1
L
c
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com