Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT77C104B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 9Page - ATMEL Corporation AT77C104B Datasheet HTML 10Page - ATMEL Corporation AT77C104B Datasheet HTML 11Page - ATMEL Corporation AT77C104B Datasheet HTML 12Page - ATMEL Corporation AT77C104B Datasheet HTML 13Page - ATMEL Corporation AT77C104B Datasheet HTML 14Page - ATMEL Corporation AT77C104B Datasheet HTML 15Page - ATMEL Corporation AT77C104B Datasheet HTML 16Page - ATMEL Corporation AT77C104B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
AT77C104B
5347B–BIOM–08/04
Modectrl Register
Register Name:Modectrl (7 bits)
Access Type:Read/Write
Function:Mode control
•
MODE: select operating mode
0000: standby
0001: test (reserved for factory use)
0010: click
0100: navigation
1000: acquisition
Certain changes can be made. For example, MODE can be set to 0b0110 to activate
click and navigation.
•
ANALOGRST: reset local oscillator
0: oscillator in active mode
1: oscillator in power-down mode
Notes:
1. Click or navigation modes cannot be used when the local oscillator is switched off. .
2. To return to standby mode and stop the oscillator (to save on power consumption),
two Modectrl register accesses are
necessary: the first one to select standby mode and the second to switch off the
oscillator.
3. The read-only registers cannot be read when the oscillator is turned off.
4. To shift between navigation and acquisition modes, you must be in standby mode
(Modectrl = 0b00001).
If modes such as “acquisition and click” or “acquisition and navigation” are programmed
together, they will be ignored by the system.
With x = 0 or 1.
b6
b5
b4
b3
b2
b1
b0
MODE (MSB)
MODE
MODE
MODE (LSB)
ANALOGRST
–
–
000
0100
Programmed Mode
Register Value
11xx
01xx
1x1x
0x1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com