Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EASV3006WA2 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EASV3006WA2
Description  Side View LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EASV3006WA2 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button EASV3006WA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EASV3006WA2 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
0
10
20
30
40
50
0
2040
6080
100
TS (℃ )
70%
80%
90%
100%
110%
120%
0
2040
6080
100
TS (℃ )
2.7
2.8
2.9
3.0
3.1
020
40
60
80
TS (℃)
0.250
0.255
0.260
0.265
0.270
0.275
0.280
0.27
0.275
0.28
0.285
0.29
0.295
OIE_x
Typical Electro-Optical-TOermal OOaracteristics Ourves
5. Relative Luminous Flux vs. Ambient Temperature
6. Forward Voltage vs. Ambient Temperature
(IF=20mA)
(IF=20mA)
7. Chromaticity Coordinates vs. Ambient Temperature
8. Forward Current De-rating Curve
(IF=20mA)
Ts=0 35 70 95℃
DATASHEET
SMD - Side View LEDs
EASV3006WA2
Page 8 of 13
Rev. 0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com