Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU2003 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGU2003
Description  SiGe MMIC amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGU2003 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGU2003 Datasheet HTML 1Page - NXP Semiconductors BGU2003 Datasheet HTML 2Page - NXP Semiconductors BGU2003 Datasheet HTML 3Page - NXP Semiconductors BGU2003 Datasheet HTML 4Page - NXP Semiconductors BGU2003 Datasheet HTML 5Page - NXP Semiconductors BGU2003 Datasheet HTML 6Page - NXP Semiconductors BGU2003 Datasheet HTML 7Page - NXP Semiconductors BGU2003 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 May 17
3
Philips Semiconductors
Preliminary specification
SiGe MMIC amplifier
BGU2003
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
RF input AC coupled; Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
supply voltage
RF input AC coupled
−
4.5
V
VCTRL
voltage on control pin
−
2V
IS
supply current (DC)
forced by DC voltage on RF input
or ICTRL
−
30
mA
ICTRL
control current
−
3mA
Ptot
total power dissipation
Ts ≤ 100 °C
−
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
350
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IS
supply current
VVS-OUT =2.5 V; ICTRL = 0.4 mA
2.5
4.5
6.5
mA
VVS-OUT =2.5 V; ICTRL =1.0 mA
6
10
15
mA
MSG
maximum stable gain
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 900 MHz
−
23
−
dB
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 1800 MHz
−
18
−
dB
|s
21|
2
insertion power gain
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 900 MHz
18
19
−
dB
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 1800 MHz
13
14
−
dB
s12
isolation
VVS-OUT =2.5 V; IVS-OUT =0;
f = 900 MHz
−
26
−
dB
VVS-OUT =2.5 V; IVS-OUT =0;
f = 1800 MHz
−
20
−
dB
NF
noise figure
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 900 MHz;
Γ
S = Γopt
−
1.0
2
dB
VVS-OUT =2.5 V; IVS-OUT =10mA;
f = 1800 MHz;
Γ
S = Γopt
−
1.1
2
dB
IP3(out)
output intercept point;
ZS =ZL 50 Ω
VVS-OUT =2.3 V; IVS-OUT =10mA;
f = 900 MHz
−
19
−
dBm
VVS-OUT =2.3 V; IVS-OUT =10mA;
f = 1800 MHz
−
21
−
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com