Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-0402FP300F Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0402FP300F
Description  Fast Acting Precision Surface Mount Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402FP300F Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0402FP300F Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 4Page - Bourns Electronic Solutions SF-0402FP300F Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF-0402FPxxxFSeries-FastActingPrecisionSurfaceMountFuses
SinglFuse™SF-0402FPxxxFSeriesApplications
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
How to Order
SF - 0402 FP 050 F - 2
SinglFuse™
Product Designator
SMD Footprint
0402 = 1005 (EIA 0402) size
FuseBlowType
FP = Fast acting precision
Rated Current
020 ~ 500 (200 mA ~ 5.00 A)
StructureType
F=Thinfilm
PackagingType
- 2 = Tape & Reel
Typical Part Marking
Representstotalcontent.Layoutmay
vary.
Packaging Quantity
20,000 pieces per 7-inch reel
Construction
Operating Temperature....................................................................................-55°Cto+90°C
Storage Conditions
Temperature ................................................................................................+5°Cto+35°C
Humidity...........................................................................................................40 % to 75 %
Shelf Life........................................................................... 2yearsfrommanufacturingdate
MoistureSensitivityLevel........................................................................................................1
ESDClassification(HBM)..............................................................................................Class 6
Environmental Characteristics
Product Dimensions
Recommended Pad Layout
1.0 ± 0.10
(.039 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.70
(.027)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.33 ± 0.10
(.013 ± .004)
0.51 ± 0.10
(.020 ± .004)
1.60
(.063)
0.40
(.016)
1.0 ± 0.10
(.039 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.70
(.027)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.33 ± 0.10
(.013 ± .004)
0.51 ± 0.10
(.020 ± .004)
1.60
(.063)
0.40
(.016)
1.0 ± 0.10
(.039 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.70
(.027)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.30 ± 0.10
(.012 ± .004)
0.33 ± 0.10
(.013 ± .004)
0.51 ± 0.10
(.020 ± .004)
1.60
(.063)
0.40
(.016)
Current Rating Thermal Derating Curve
140
120
100
80
60
40
20
0
-60
-40
-20
020406080
100
MAXIMUM OPERATING TEMPERATURE (°C)
PCB
CuNi/Sn
EPOXY
Cu/Sn
n
Portablememory
n
LCDmonitors
n
Diskdrives
n
PDAs
n
Digitalcameras
n
MP3players
n
Cellphones
n
Rechargeablebatterypacks
n
Batterychargers
n
Set-topboxes
n
Industrialcontrollers
n
BatteryManagementSystems(BMS)
n
LEDlighting
n
Powertools
DIMENSIONS:
MM
(INCHES)
ULFileNumber ............................E198545
http://www.ul.com/ FollowlinktoOnline
CertificatesDirectory,
then enter UL File No.
E198545, or click here
Agency Recognition
= 0.200
= 0.250
= 0.375
= 0.500
= 0.750
RATED CURRENT (A)
= 1.00
= 1.25
= 1.50
= 1.75
= 2.00
= 2.50
= 3.00
= 3.50
= 4.00
= 5.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com