Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24UC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSP-24UC
Description  Efficient connection to system cabling using V8 adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24UC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSP-24UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-24UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-24UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-24UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2912581
10/27/2014   Page 3 / 6
Relay Module - PLC-RSP- 24UC/21-21AU - 2912581
Technical data
Contact side
2 A (at 250 V, AC15)
General
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
Mechanical service life
3 x 107 cycles
Inflammability class according to UL 94
V0
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
IEC 62103
Rated surge voltage / insulation
6 kV / Basic isolation
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data
Connection method
Spring-cage connection
Stripping length
8 mm
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG/kcmil max
14
Conductor cross section AWG/kcmil min.
26
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com