Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-60DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSP-60DC
Description  Safe isolation according to DIN EN 50178 between coil and contact
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-60DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSP-60DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-60DC Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/2912536
10/27/2014   Page 1 / 7
Relay Module - PLC-RSP- 60DC/21-21 - 2912536
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC relay, consisting of base terminal block PLC-BSP.../21 with spring-cage connection and pluggable miniature
relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 60 V DC
Product Features
 Slim design
 Efficient connection to system cabling using V8 adapter
 Safe isolation according to DIN EN 50178 between coil and contact
 RT III sealed relay
 Integrated input circuit and interference suppression circuit
 Functional plug-in bridges
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
65.62 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
14 mm
Height
80 mm
Depth
94 mm
Ambient conditions


Similar Part No. - PLC-RSP-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSP-120UC PHOENIX-PLC-RSP-120UC Datasheet
132Kb / 12P
Efficient connection to system cabling using V8 adapter
PLC-RSP-120UC/21 PHOENIX-PLC-RSP-120UC/21 Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-RSP-120UC/21AU PHOENIX-PLC-RSP-120UC/21AU Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-RSP-12DC PHOENIX-PLC-RSP-12DC Datasheet
89Kb / 5P
Safe isolation according to DIN EN 50178 between coil and contact
PLC-RSP-230UC PHOENIX-PLC-RSP-230UC Datasheet
102Kb / 6P
Efficient connection to system cabling using V8 adapter
More results

Similar Description - PLC-RSP-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG10-2-LCU PHOENIX-EMG10-2-LCU Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG10-21-LCU PHOENIX-EMG10-21-LCU Datasheet
76Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG10-REL PHOENIX-EMG10-REL Datasheet
76Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG17-21-21-LC PHOENIX-EMG17-21-21-LC Datasheet
73Kb / 5P
Safe isolation according to DIN EN 50178 between coil and contact
EMG17-21-LCUAU PHOENIX-EMG17-21-LCUAU Datasheet
62Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-48 PHOENIX-EMG22-KSR-48 Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-60 PHOENIX-EMG22-KSR-60 Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-230 PHOENIX-EMG22-KSR-230 Datasheet
60Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
PLC-OSP-110DC PHOENIX-PLC-OSP-110DC Datasheet
119Kb / 9P
Shock resistance according to DIN 50155 (requirements according to EN 61373)
PLC-RSP-12DC PHOENIX-PLC-RSP-12DC Datasheet
89Kb / 5P
Safe isolation according to DIN EN 50178 between coil and contact
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com