Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-230UC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSP-230UC
Description  Efficient connection to system cabling using V8 adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-230UC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSP-230UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-230UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-230UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-230UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-230UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-230UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2912620
10/27/2014   Page 2 / 6
Relay Module - PLC-RSP-230UC/21-21AU - 2912620
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 55 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
230 V AC (220 V DC)
220 V DC
Typical input current at UN
4.3 mA (at 220 V DC)
4.5 mA (for 230 V AC)
Typical response time
7 ms
Typical release time
10 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Contact side
Contact type
2 PDT
Contact material
AgNi, hard gold-plated
Maximum switching voltage
30 V AC
36 V DC
Minimum switching voltage
100 mV (at 10 mA)
Maximum inrush current
50 mA
Min. switching current
1 mA (at 24 V)
Limiting continuous current
50 mA
Interrupting rating (ohmic load) max.
1.2 W (at 24 V DC)
Note
the following values are applicable if a gold layer is destroyed
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V AC/DC
Limiting continuous current
6 A
Maximum inrush current
15 A (300 ms)
Min. switching current
10 mA
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
85 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
60 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 110 V, DC13)
0.2 A (at 250 V, DC13)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com