Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-RHM-1 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-RHM-1
Description  Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-RHM-1 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-RHM-1 Datasheet HTML 1Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
https://www.phoenixcontact.com/us/products/2905986
10/29/2015   Page 1 / 1
Retaining bracket - RIF-RHM-1 - 2905986
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and
solid-state relays
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
1.0 g
Custom tariff number
85389099
Country of origin
China
Technical data
Product type
Retaining bracket
Classifications
eCl@ss
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
ETIM
ETIM 5.0
EC002608
Phoenix Contact 2015 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - RIF-RHM-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-RHM-1-H PHOENIX-RIF-RHM-1-H Datasheet
50Kb / 2P
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
More results

Similar Description - RIF-RHM-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-RH-1 PHOENIX-RIF-RH-1 Datasheet
43Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 16 mm tall miniature power relay and solid-state relay
RIF-RH-2 PHOENIX-RIF-RH-2 Datasheet
44Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-2 relay base, for industrial relay
RIF-RH-3 PHOENIX-RIF-RH-3 Datasheet
43Kb / 2P
Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay
RIF-RH-4 PHOENIX-RIF-RH-4 Datasheet
61Kb / 2P
Relay retaining bracket, with holder for marking material, suitable for RIF-4 relay base, for high-power relay
RIF-RH-1-H PHOENIX-RIF-RH-1-H Datasheet
61Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 25 mm tall miniature power relay and solid-state relay
RIF-RHM-1-H PHOENIX-RIF-RHM-1-H Datasheet
50Kb / 2P
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
RIF-RHM-2 PHOENIX-RIF-RHM-2 Datasheet
40Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-2 relay base
RIF-RHM-4 PHOENIX-RIF-RHM-4 Datasheet
39Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-4 relay base
2900957 PHOENIX-2900957 Datasheet
66Kb / 3P
relay base, for miniature power relay with 1 changeover contact or identical solid-state relays
2905985 PHOENIX-2905985 Datasheet
56Kb / 2P
Relay retaining bracket - RIF-RHM-1-H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com