Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-RHM-1-H Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-RHM-1-H
Description  Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-RHM-1-H Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-RHM-1-H Datasheet HTML 1Page - PHOENIX CONTACT RIF-RHM-1-H Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2905985
07/23/2018   Page 1 / 2
Relay retaining bracket - RIF-RHM-1-H - 2905985
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
Key Commercial Data
Packing unit
10 STK
Minimum order quantity
10 STK
GTIN
GTIN
4055626013343
Technical data
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Approvals
Approvals
Approvals
DNV GL
Ex Approvals
Approval details
DNV GL 
 http://exchange.dnv.com/tari/
 TAA000018V


Similar Part No. - RIF-RHM-1-H

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-RHM-1 PHOENIX-RIF-RHM-1 Datasheet
41Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
More results

Similar Description - RIF-RHM-1-H

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-RH-1 PHOENIX-RIF-RH-1 Datasheet
43Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 16 mm tall miniature power relay and solid-state relay
RIF-RH-2 PHOENIX-RIF-RH-2 Datasheet
44Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-2 relay base, for industrial relay
RIF-RH-3 PHOENIX-RIF-RH-3 Datasheet
43Kb / 2P
Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay
RIF-RH-4 PHOENIX-RIF-RH-4 Datasheet
61Kb / 2P
Relay retaining bracket, with holder for marking material, suitable for RIF-4 relay base, for high-power relay
RIF-RH-1-H PHOENIX-RIF-RH-1-H Datasheet
61Kb / 2P
Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-1 relay base, for 25 mm tall miniature power relay and solid-state relay
RIF-RHM-1 PHOENIX-RIF-RHM-1 Datasheet
41Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
RIF-RHM-2 PHOENIX-RIF-RHM-2 Datasheet
40Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-2 relay base
RIF-RHM-4 PHOENIX-RIF-RHM-4 Datasheet
39Kb / 1P
Relay retaining bracket, wire model, suitable for RIF-4 relay base
2900953 PHOENIX-2900953 Datasheet
43Kb / 2P
Retaining bracket - RIF-RH-1
2905985 PHOENIX-2905985 Datasheet
56Kb / 2P
Relay retaining bracket - RIF-RHM-1-H
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com