Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBR06C779BAGAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR06C779BAGAC
Description  CBR-SMD RF C0G, Ceramic, High Q, 7.7 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR06C779BAGAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR06C779BAGAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 892555b3-8f8d-416b-8a3a-ed6b8d847ea6
KEMET Part Number: CBR06C779BAGAC
CBR-SMD RF C0G, Ceramic, High Q, 7.7 pF, +/-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1.6mm +/-0.1mm
W
0.8mm +/-0.1mm
T
0.8mm +/-0.07mm
B
0.4mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: CBR-SMD RF C0G
Style: SMD Chip
Chip Size: 0603
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 954
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 7.7 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.181%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 954
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR06C779BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C779B5GAC KEMET-CBR06C779B5GAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 7.7 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

Similar Description - CBR06C779BAGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR06C508BAGAC KEMET-CBR06C508BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 0.5 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C959BAGAC KEMET-CBR06C959BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 9.5 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C489BAGAC KEMET-CBR06C489BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 4.8 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C719BAGAC KEMET-CBR06C719BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 7.1 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C149BAGAC KEMET-CBR06C149BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 1.4 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C199BAGAC KEMET-CBR06C199BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 1.9 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C399BAGAC KEMET-CBR06C399BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 3.9 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C859BAGAC KEMET-CBR06C859BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 8.5 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C279BAGAC KEMET-CBR06C279BAGAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 2.7 pF, /-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR06C779B5GAC KEMET-CBR06C779B5GAC Datasheet
72Kb / 1P
CBR-SMD RF C0G, Ceramic, High Q, 7.7 pF, /-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com