Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMZ-A100-R00J1 Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # HSMZ-A100-R00J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMZ-A100-R00J1 Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button HSMZ-A100-R00J1 Datasheet HTML 9Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 10Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 11Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 12Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 13Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 14Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 15Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 16Page - Broadcom Corporation. HSMZ-A100-R00J1 Datasheet HTML 17Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Broadcom
AV02-0198EN
16
If the LED is intended to be used in harsh or outdoor
environment, protect the LED against damages caused
by rain water, water, dust, oil, corrosive gases, external
mechanical stresses, and so on.
Thermal Management
The optical, electrical, and reliability characteristics of the
LED are affected by temperature. Keep the junction
temperature (TJ) of the LED below the allowable limit at all
times. TJ can be calculated as follows:
TJ = TA + RθJ-A x IF x VFmax
where;
TA = ambient temperature (°C)
RθJ-A = thermal resistance from LED junction to ambient
(°C/W)
IF = forward current (A)
VFmax = maximum forward voltage (V)
The complication of using this formula lies in TA and RθJ-A.
Actual TA is sometimes subjective and hard to determine.
RθJ-A varies from system to system depending on design
and is usually not known.
Another way of calculating TJ is by using the solder point
temperature, TS as follows:
TJ = TS + RθJ-S x IF x VFmax
where;
TS = LED solder point temperature as shown in the
following figure (°C)
RθJ-S = thermal resistance from junction to solder point
(°C/W)
IF = forward current (A)
VFmax = maximum forward voltage (V)
Figure 16: Solder Point Temperatures on PCB
TS can be easily measured by mounting a thermocouple on
the soldering joint as shown in preceding figure, while RθJ-S
is provided in the data sheet. Verify the TS of the LED in the
final product to ensure that the LEDs are operating within all
maximum ratings stated in the data sheet.
Eye Safety Precautions
LEDs may pose optical hazards when in operation. Do not
look directly at operating LEDs because it might be harmful
to the eyes. For safety reasons, use appropriate shielding or
personal protective equipment.
Ts point
Package mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com