Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX9749 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # PEX9749
Description  Managed PCI Express Switches Based on ExpressFabric짰 Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

PEX9749 Datasheet(HTML) 3 Page - Broadcom Corporation.

  PEX9749 Datasheet HTML 1Page - Broadcom Corporation. PEX9749 Datasheet HTML 2Page - Broadcom Corporation. PEX9749 Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Brief
PEX9700 Series
Part
Number
Lanes
Ports
Latency
(ns)
HPC*
Aggregate Bandwidth
SSC*
Dedicated x1
mCPU Port
DMA
Multi-
cast
Package
Size
(mm²)
Typical Power Modes
Power Typ.
(W)
Peer-to-
Peer
Fanout
Fabric
PEX9797 97
25
150
6
1536GT (8.0 GT/s/Lane x
96 SerDes x2 (full-duplex)) 24
Yes
Yes
35x35
23.9
24.3
20.6
25.0
PEX9781
81
21
150
5
1280GT (8.0 GT/s/Lane x
80 SerDes x2 (full-duplex)) 20
Yes
Yes
35x35
21.5
22.5
19.6
23.3
PEX9765 65
17
150
4
1024GT (8.0 GT/s/Lane x
64 SerDes x2 (full-duplex)) 16
Yes
Yes
35x35
15.9
16.2
13.9
16.9
PEX9749 49
13
150
4
768GT (8.0 GT/s/Lane x 48
SerDes x2 (full-duplex))
12
Yes
Yes
27x27
13.5
14.5
12.8
15.2
PEX9733 33
9
150
2
512GT (8.0 GT/s/Lane x 32
SerDes x2 (full-duplex))
8
Yes
Yes
27x27
7.9
8.1
7.2
8.9
PEX9716
16
5
154
1
256GT (8.0 GT/s/Lane x 16
SerDes x2 (full-duplex))
4
No
No
19x19
4.0
4.0
3.8
4.8
PEX9712
12
5
158
1
192GT (8.0 GT/s/Lane x 12
SerDes x2 (full-duplex))
4
No
No
19x19
3.5
3.7
3.4
4.4
Product Ordering Information
Switch Part Numbers
Description
Rapid Development Kit (RDK) Part
Number
PEX9797-B080BC G
97-Lane, 25-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-B0RDK
PEX9781-B080BC G
81-Lane, 21-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-B0RDK
PEX9765-B080BC G
65-Lane, 17-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-B0RDK
PEX9749-B080BC G
49-Lane, 13-Port ExpressFabric Device (27 × 27 mm2)
PEX9749-B0RDK
PEX9733-B080BC G
33-Lane, 9-Port ExpressFabric Device (27 × 27 mm2)
PEX9749-B0RDK
PEX9716-B080BC G
16-Lane, 5-Port ExpressFabric Device (19 ×19 mm2)
PEX9716-B0RDK
PEX9712-B080BC G
12-Lane, 5-Port ExpressFabric Device (19 × 19 mm2)
PEX9716-B0RDK
Acronym Guide
HPC Hot-Plug Controllers
TWC Tunneled Window Connection
SSC
Spread Spectrum Clock Isolation
MSI-X Message Signaled Interrupts
SRIS Separate Refclk Independent SSC Architecture
DPC Downstream Port Containment
eDPC Enhanced DPC
Commercial Temperature Range
0 to +70°C
For more product information: broadcom.com
Copyright © 2018 Broadcom. All Rights Reserved. Broadcom, the pulse logo, Connecting everything, ExpressFabric, and MegaRAID
are among the trademarks of Broadcom. The term “Broadcom” refers to Broadcom Inc. and/or its subsidiaries.
AV00-0327EN 05.16.18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com