Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8111ASTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8111ASTZ
Description  16x 8 Buffered Video Crosspoint Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8111ASTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8111ASTZ Datasheet HTML 13Page - Analog Devices AD8111ASTZ Datasheet HTML 14Page - Analog Devices AD8111ASTZ Datasheet HTML 15Page - Analog Devices AD8111ASTZ Datasheet HTML 16Page - Analog Devices AD8111ASTZ Datasheet HTML 17Page - Analog Devices AD8111ASTZ Datasheet HTML 18Page - Analog Devices AD8111ASTZ Datasheet HTML 19Page - Analog Devices AD8111ASTZ Datasheet HTML 20Page - Analog Devices AD8111ASTZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD8110/AD8111
REV. B
–21–
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BDD
0.15
0.05
1.45
1.40
1.35
0.20
0.09
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
TOP VIEW
(PINS DOWN)
1
21
41
40
60
61
80
20
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
14.20
14.00 SQ
13.80
12.20
12.00 SQ
11.80
Figure 8. 80-Lead Low Profile Quad Flat Package [LQFP]
(ST-80-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8110ASTZ
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-1
AD8111ASTZ
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-1
1 Z = RoHS-Compliant Part.
REVISION HISTORY
/15—Rev. A to Rev. B
Changes to Crosstalk, All Hostile Parameter and Off Isolation,
Input-Output Parameter...................................................................2
Changes to Areas of Crosstalk Section.........................................18
Deleted Evaluation Board Section and Figure 8; Renumbered
Sequentially ......................................................................................20
Deleted Figure 9...............................................................................21
Moved Outline Dimensions, Ordering Guide, and Revisions
History ..............................................................................................21
Updated Outline Dimensions........................................................21
Changes to Ordering Guide...........................................................21
Deleted Figure 10 and Figure 11 ...................................................22
Deleted Figure 12 and Figure 13 ...................................................23
Deleted Figure 14, Controlling the Evaluation Board from a PC
Section, and Figure 15 ....................................................................24
Deleted Overshoot on PC Printer Ports’ Data Lines Section and
Figure 16...........................................................................................25
2/02—Rev. 0 to Rev. A
Changed MQFP to LQFP.................................................. Universal
Comment Added to Outline Dimensions ...................................26
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01069-0- /16(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com