Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFAS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TFAS-2
Description  Attenuator/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TFAS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  TFAS-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Control Current
30mA
TFAS-2+
TFAS-2
50Ω
Bi-Phase
10 to 1000 MHz
Attenuator/Switch
REV. C
M151107
TFAS-2
WP/TD/CP/AM
151008
Surface Mount
Features
• wideband, 10 to 1000 MHz
• high in-out isolation
Applications
• bi-phase modulator
Pin Connections
INPUT
1
OUTPUT
4
CONTROL
2
GROUND
3
CASE GROUND
3
CASE STYLE: B02
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = [ 2 f
L to fU/2]
* 13 dBm from 10-500 MHz.
Performance specifications apply for input power up to 10 dB below stated 1 dB compression.
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
±20 mA
MAX. INPUT
PWR
(dBm)
±20 mA
IN-OUT
ISOLATION
(dB)
0 mA
BI-PHASE X
(
±20 mA) Typ.
∆ AMP
(dB)
Phase (deg.)
deviation
from 180°
IN
CON
Mid-Band
m
Total
Range
1 dB
no
L
M
U
Total
Total
f
L-fU
Typ. Max. Typ. Max. compr. damage Typ. Min. Typ. Min. Typ. Min.
m
Range
m
Range
10-1000
DC-0.5
3.7
4.5
5.0
8.0
17*
25
50
30
42
20
31
20
0.1
0.2
2.0
3.0
—
Attenuator/Switch Electrical Specifications
Freq.
(MHz)
I. Loss
(dB)
at 20mA
±Control
∆∆AMP
(dB)
20mA
∆∆Phase
(deg.)
Isolation (dB)
(in-out) (in-con)
Input
R. Loss
(dB)
Control
Current
(mA)
Attenuation (dB) Phase ∆ ref at 15mA Ctrl
Input VSWR
10
MHz
500
MHz
1000
MHz
10
MHz
500
MHz
1000
MHz
10
MHz
500
MHz
1000
MHz
—
X
σ
—
X
—
X
—
X
—
X
—
X
deg.
deg.
deg.
10.0
3.34
0.009
0.00
180.0
69
47
11.4
0.0000 51.3 24.7 27.2
76.7
40.6
0.5
3.3
2.3
4.2
11.4
3.24
0.006
0.01
180.0
67
46
11.6
0.0001 40.8 22.0 24.7
67.8
31.3
-6.7
3.2
2.2
4.0
16.1
3.17
0.004
0.01
180.1
64
43
12.2
0.0002 35.5 20.5 23.4
61.3
25.4
-10.4
3.2
2.2
3.8
23.2
3.18
0.003
0.00
180.1
59
40
12.5
0.0003 32.1 19.5 22.5
59.5
21.4
-12.8
3.1
2.1
3.7
46.5
3.35
0.002
0.01
180.3
54
34
12.5
0.0008 28.6 18.4 21.4
55.8
17.3
-14.7
3.0
2.0
3.6
65.8
3.24
0.002
0.01
180.5
51
31
12.4
0.0012 25.7 17.1 20.1
53.7
14.1
-15.8
2.9
1.9
3.4
93.1
3.19
0.030
0.01
180.7
48
28
12.4
0.0019 22.8 15.7 18.6
51.0
10.9
-16.0
2.7
1.9
3.2
100.2
3.34
0.003
0.01
180.7
47
28
12.4
0.0029 20.2 14.2 17.0
47.8
8.6
-15.1
2.6
1.7
3.1
131.8
3.36
0.004
0.01
180.9
45
25
12.4
0.0040 17.8 12.7 15.3
45.1
6.8
-13.6
2.4
1.6
2.9
186.6
3.36
0.005
0.02
181.3
42
23
12.3
0.0074 14.6 10.4 12.9
40.1
4.7
-10.7
2.1
1.5
2.7
373.8
3.75
0.008
0.02
182.1
36
20
11.4
0.0110 12.7
9.1 11.5
36.8
3.7
-8.7
1.9
1.4
2.6
500.8
3.93
0.015
0.03
182.5
34
21
11.3
0.0159 11.1
8.0 10.4
33.2
2.8
-7.2
1.7
1.4
2.6
529.1
4.06
0.018
0.04
182.5
33
21
11.2
0.0221
9.7
7.0
9.5
29.5
2.2
-5.3
1.5
1.4
2.5
748.8
4.72
0.055
0.10
182.6
31
19
10.7
0.0301
8.5
6.3
8.8
25.9
1.7
-4.3
1.3
1.4
2.6
791.0
5.13
0.050
0.15
182.8
31
18
10.3
0.0416
7.4
5.8
8.3
22.4
1.0
-3.4
1.2
1.5
2.6
820.5
5.21
0.052
0.15
182.4
32
18
10.1
0.0753
5.9
5.1
7.6
16.2
0.7
-2.1
1.2
1.6
2.6
899.0
5.75
0.063
0.20
182.4
31
15
9.5
0.1640
4.7
4.5
7.0
9.2
0.2
-1.4
1.4
1.8
2.7
932.5
5.97
0.089
0.27
182.0
31
15
9.3
0.3543
4.0
4.2
6.7
5.0
0.0
-0.8
1.6
1.9
2.7
967.2
5.85
0.077
0.24
181.8
31
13
9.1
1.2309
3.6
4.0
6.5
1.7
-0.1
-0.5
1.8
2.0
2.7
1000.0
6.41
0.111
0.38
181.4
31
13
8.8
15.1064
3.4
3.8
6.3
0.0
0.0
-0.1
1.9
2.0
2.7
Outline Dimensions (
)
TFAS-2
INSERTION LOSS
2.0
3.0
4.0
5.0
6.0
7.0
0
200
400
600
800
1000
FREQUENCY (MHz)
TFAS-2
ISOLATION
0
20
40
60
80
100
0
200
400
600
800
1000
FREQUENCY (MHz)
IN-OUT
IN-CON
TFAS-2
ATTENUATION
0
10
20
30
40
50
0.0001
0.001
0.01
0.1
1
10
CONTROL CURRENT (mA)
10 MHz
500 MHz
1000 MHz
inch
mm
Outline Drawing
Permanent damage may occur if any of these limits are exceeded.
A
B
C
D
E
F
.480
.500
.240
.255
.210
.230
12.19 12.70
6.10
6.48
5.33
5.84
G
H
J
K
L
wt
.16
.100
.14
.20
.020 grams
4.06
2.54
3.56
5.08
0.51
1.9
suggested control port biasing configuration
electrical schematic
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - TFAS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TFAS-2 MINI-TFAS-2 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
TFAS-2 MINI-TFAS-2 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
TFAS-2L MINI-TFAS-2L Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
TFAS-2M MINI-TFAS-2M Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
TFAS-2SM MINI-TFAS-2SM Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
More results

Similar Description - TFAS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
Attenuator/Switch
ZAS-1 MINI-ZAS-1 Datasheet
210Kb / 1P
Attenuator/Switch
ZMAS-3 MINI-ZMAS-3 Datasheet
213Kb / 1P
Attenuator/Switch
SYAS-1 MINI-SYAS-1 Datasheet
293Kb / 1P
Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
Attenuator/Switch
ZFAS-2000 MINI-ZFAS-2000 Datasheet
246Kb / 1P
Attenuator/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com