Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC20016 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PC20016
Description  Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PC20016 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PC20016 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PC20016 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IO
200A Avg 1600 Volts
PC20016
PD20016
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラ
Grade
目
Parameter
記号
Symbol
PC20016/PD20016
単位
Unit
くり返しピク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
1600
V
非くり返しピク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
Io (AV)
商用周波数180°通電
Tc=77℃
Half Sine Wave
200
A
実効電流
*1
RMS Forward Current
IF(RMS)
314
A
サ電流
*1
Surge Forward Current
IFSM
50Hz 正弦半波 1
ル 非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
4000
A
電流二乗時間積
*1
I Squared t
I2t
2~10ms
80000
A2s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
-40 ~ +125
℃
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子ベ間 AC 1 分間
Terminal to Base, AC 1min.
2500
V
ベ部
Mounting
ーマル ハ
ト 塗布
Greased
M6
2.5 ~ 3.5
N m
締付トルク
Mounting Torque
主端子部
Terminal
F
M8
9.0 ~ 10.0
N m
■電気的特性 Electrical Characteristics
目
Parameter
記号
Symbol
条 件
Conditions
特性値最大
Maximum Value
単位
Unit
ピク逆電流
*1
Peak Reverse Current
IRM
Tj=125℃ VRM=VRRM
30
mA
ピク電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃ IFM=600A
1.28
V
熱抵抗
*1
Thermal Resistance
Rth(j-c)
接合部ケ間
Junction to Case
0.2
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth(c-f)
ース-フィ 間
ーマル ハ
ト 塗布
Case to Fin, Greased
0.1
℃/W
質 量
約 480g
*1:1アム当りの値 Value Per 1 Arm.
Approximate Weight


Similar Part No. - PC20016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC20016 NIEC-PC20016 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PC20016 NIEC-PC20016 Datasheet
153Kb / 2P
200A Avg 1200 1600 Volts
More results

Similar Description - PC20016

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com