Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD1518 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PD1518
Description  Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PD1518 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PD1518 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PD1518 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PD1518 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PD1518 Datasheet HTML 4Page - Kyocera Kinseki Corpotation PD1518 Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
項 目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
PD1518
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均整流電流
*1
Average Rectified OutputCurrent
Io (AV)
商用周波数180°通電
Tc=103℃
Half Sine Wave
150
A
実効順電流
*1
RMS Forward Current
IF(RMS)
235
A
サージ順電流
*1
Surge Forward Current
IFSM
50Hz 正弦半波,1 サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
3200
A
電流二乗時間積
*1
I Squared t
I2t
2~10ms
51200
A2s
動作接合温度範囲
OperatingJunction Temperature Range
Tjw
-40 ~ +150
℃
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子-ベース間、AC1分間
Terminal to Base, AC 1min
2500
V
締付トルク
MountingTorque
ベース部
Mounting
F
サーマルコンパウンド塗布
Greased
M6
2.5 ~ 3.5
N・m
主端子部
Terminal
M6
2.5 ~ 3.5
N・m
■電気的特性 Electrical Characteristics
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
15
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj= 25℃,IFM=450A
1.28
V
熱抵抗
*1
Thermal Resistance
Rth(j-c)
接合部-ケース間
Junction to Case
0.25
℃/W
接触熱抵抗
*1
Thermal Resistance
Rth(c-f)
ケース-フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
0.15
℃/W
質 量 --- 約 280g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
DIODE
150A Avg 800 Volts
PD1518


Similar Part No. - PD1518

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD1518 NIEC-PD1518 Datasheet
172Kb / 6P
DIODE MODULE - 150A/800V
PD1518 NIEC-PD1518 Datasheet
26Kb / 1P
150A Avg 800 Volts
PD1518 NIEC-PD1518_1 Datasheet
26Kb / 1P
150A Avg 800 Volts
logo
National Instruments Co...
PD1518 NI-PD1518_15 Datasheet
26Kb / 1P
DIODE
More results

Similar Description - PD1518

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com