Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS377E Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS377E
Description  Octal D Flip-Flop with Common Enable and Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS377E Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54LS377E Datasheet HTML 1Page - National Semiconductor (TI) DM54LS377E Datasheet HTML 2Page - National Semiconductor (TI) DM54LS377E Datasheet HTML 3Page - National Semiconductor (TI) DM54LS377E Datasheet HTML 4Page - National Semiconductor (TI) DM54LS377E Datasheet HTML 5Page - National Semiconductor (TI) DM54LS377E Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC ea50V TA ea25 C
Symbol
Parameter
RL e 2kX CL e 15 pF
Units
Min
Max
fmax
Maximum Clock Frequency
30
MHz
tPLH
Propagation Delay
25
ns
tPHL
CP to Qn
25
Functional Description
The ’LS377 consists of eight edge-triggered D flip-flops with
individual D inputs and Q outputs The Clock (CP) and En-
able input (E) are common to all flip-flops
When E is LOW new data is entered into the register on the
next LOW-to-HIGH transition of CP When E is HIGH the
register will retain the present data independent of the CP
Truth Table
Inputs
Output
E
CP
Dn
Qn
H
X
X
No Change
L
L
HH
L
L
LL
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Logic Symbol
TLF9831 – 2
VCC e Pin 20
GND e Pin 10
Logic Diagram
TLF9831 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com