Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83952 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 9Page - National Semiconductor (TI) DP83952 Datasheet HTML 10Page - National Semiconductor (TI) DP83952 Datasheet HTML 11Page - National Semiconductor (TI) DP83952 Datasheet HTML 12Page - National Semiconductor (TI) DP83952 Datasheet HTML 13Page - National Semiconductor (TI) DP83952 Datasheet HTML 14Page - National Semiconductor (TI) DP83952 Datasheet HTML 15Page - National Semiconductor (TI) DP83952 Datasheet HTML 16Page - National Semiconductor (TI) DP83952 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
30 Pin Description (Continued)
Pin Name
Driver
IO
Description
Type
INTER-RIC BUS PINS
ACKI
TT
I
ACK
NOWLEDGE INPUT Input to the network ports’ arbitration chain
ACKO
TT
O
ACK
NOWLEDGE OUTPUT Output from the network ports’ arbitration chain
IRD
TT
B Z
I
NTER-RIC DATA When asserted as an output this signal provides a serial data stream in NRZ
format The signal is asserted by a RIC II when it is receiving data from one of its network
segments The default condition of this signal is to be an input In this state it may be driven by
other devices on the Inter-RIC bus
IRE
TT
B Z
I
NTER-RIC ENABLE When asserted as an output this signal provides an activity framing enable
for the serial data stream The signal is asserted by a RIC II when it is receiving data from one of
its network segments The default condition of this signal is to be an input In this state it may be
driven by other devices on the Inter-RIC bus
IRC
TT
B Z
I
NTER-RIC CLOCK When asserted as an output this signal provides a clock signal for the serial
data stream Data (IRD) is changed on the falling edge of the clock The signal is asserted by a
RIC II when it is receiving data from one of its network segments The default condition of this
signal is to be an input When an input IRD is sampled on the rising edge of the clock In this
state it may be driven by other devices on the Inter-RIC bus
COLN
TT
B Z
COL
LISION ON PORT N This denotes that a collision is occurring on the port receiving the data
packet The default condition of this signal is to be an input In this state it may be driven by other
devices on the Inter-RIC bus
PKEN
C
O
P
ACKET ENABLE This output acts as an active high enable for an external bus transceiver
(if required) for the IRE IRC IRD and COLN signals When high the bus transceiver should be
transmitting on to the bus ie this RIC II is driving the IRD IRE IRC and COLN bus lines When
low the bus transceiver should receive from the bus
CLKIN
TT
I
40 MHz CLOCKINPUT This input is used to generate the RIC II’s timing reference for the state
machines and phase lock loop decoder
ACTND
OD
O
ACT
IVITY ON PORT NDRIVE This output is active when the RIC II is receiving data or collision
information from one of its network segments
ACTNS
TT
I
ACT
IVITY ON PORT NSENSE This input senses when this or another RIC II in a multi-RIC II
system is receiving data or collision information
ANYXND
OD
O
A
CTIVITY ON ANY PORT EXCLUDING PORT NDRIVE This output is active when a RIC II is
experiencing a transmit collision or multiple ports have active collisions on their network
segments
ANYXNS
TT
I
A
CTIVITY ON ANY PORT EXCLUDING PORT NSENSE This input senses when this RIC II or
other RIC IIs in a multi-RIC II system are experiencing transmit collisions or multiple ports have
active collisions on their network segments
TT e TT
L compatible B e Bi-directional C e CMOS compatible OD e Open Drain I e Input O e Output
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com