Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB156G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DB156G
Description  Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DB156G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DB156G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DB156G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 633 -
RATINGS AND CHARACTERISTIC CURVES (DB151G THRU DB157G)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
100
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
0.4
0.6
0.8
1.0
1.2
1.4
.01
0.1
1
10
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
0
FIG.5- TYPICAL JUNCTION CAPACITANCE PER
BRIDGE ELEMENT
1.0
10
100
1
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
1
2
4
6
10
20
100
60
40
0
10
40
60
50
20
30
NUMBER OF CYCLES AT 60Hz
Single Sine - Wave
(JEDEC Method)
FIG.1- MAXIMUM DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
20
40
60
80
100
120
140 150
0
0.75
1.5
AMBIENT TEMPERATURE. ( C)
o
60Hz RESISTIVE OR
INDUCTIVE LOAD
Copper Pauls
0.4" x 0.4"
(10mm x 10mm)
.06" (1.5mm)
PCB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com