Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS377W Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS377W
Description  Octal D Flip-Flop with Common Enable and Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS377W Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS377W Datasheet HTML 1Page - National Semiconductor (TI) DM54LS377W Datasheet HTML 2Page - National Semiconductor (TI) DM54LS377W Datasheet HTML 3Page - National Semiconductor (TI) DM54LS377W Datasheet HTML 4Page - National Semiconductor (TI) DM54LS377W Datasheet HTML 5Page - National Semiconductor (TI) DM54LS377W Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9831
May 1992
DM54LS377DM74LS377
Octal D Flip-Flop with Common Enable and Clock
General Description
The ’LS377 is an 8-bit register built using advanced low
power Schottky technology This register consists of eight
D-type flip-flops with a buffered common clock and a buff-
ered common input enable The device is packaged in the
space-saving (03 inch row spacing) 20-pin package
Features
Y
8-bit high speed parallel registers
Y
Positive edge-triggered D-type flip-flops
Y
Fully buffered common clock and enable inputs
Connection Diagram
Dual-In-Line Package
TLF9831 – 1
Order Number DM54LS377E DM54LS377J
DM54LS377W DM74LS377WM or DM74LS377N
See NS Package Number
E20A J20A M20B N20A or W20A
Pin Names
Description
E
Enable Input (Active LOW)
D0 – D7
Data Inputs
CP
Clock Pulse Input (Active Rising Edge)
Q0 – Q7
Flip-Flop Outputs
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DM54LS377W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
DM54LS373J NSC-DM54LS373J Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
DM54LS373W NSC-DM54LS373W Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
DM54LS374 NSC-DM54LS374 Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
DM54LS374J NSC-DM54LS374J Datasheet
160Kb / 8P
TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
More results

Similar Description - DM54LS377W

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
Octal D Flip-Flop with Clock Enable
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
Octal D Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
DM74LS377 FAIRCHILD-DM74LS377 Datasheet
55Kb / 5P
Octal D-Type Flip-Flop with Common Enable and Clock
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54LS377 NSC-54LS377 Datasheet
79Kb / 3P
OCTAL D FLIP-FLOP WITH COMMON ENABLE AND CLOCK
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
List of Unclassifed Man...
T74LS377 ETC-T74LS377 Datasheet
252Kb / 5P
Octal D flip-flop with common enable and clock
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com