Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92001TLD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92001TLD
Description  3.3V B/LVDS-BLVDS Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92001TLD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS92001TLD Datasheet HTML 1Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 2Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 3Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 4Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 5Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 6Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 7Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 8Page - National Semiconductor (TI) DS92001TLD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BLVDS OUTPUT DC SPECIFICATIONS (OUT)
I
OFF
Power-Off Leakage Current
V
CC = 0V or Open Circuit, VOUT = 3.6V
−20
±5
+20
µA
I
OS1
Output Short Circuit Current
(Note 4)
EN=V
CC,VCM = 1.2V,VID = 200mV, VOUT+ = 0V,
or
V
ID = −200mV, VCM = 1.2V, VOUT− =0V
−30
−60
mA
V
ID = −200mV, VCM = 1.2V, VOUT+ =VCC ,or
V
ID = 200mV, VCM =1.2V, VOUT− =VCC
53
80
mA
I
OSD
Differential Output Short Circuit
Current (Note 4)
EN=V
CC,VID = |200mV|, VCM. = 1.2V, VOD =0V
(connect true and complement outputs through a
current meter)
|30|
|42|
mA
B/LVDS RECEIVER DC SPECIFICATIONS (IN)
V
TH
Differential Input High
Threshold (Note 5)
V
CM = +0.05V, +1.2V or +3.25V
−30
−5
mV
V
TL
Differential Input Low
Threshold (Note 5)
−70
−30
mV
V
CMR
Common Mode Voltage Range
(Note 5)
|V
ID|/2
V
CC
−|V
ID|/2
V
I
IN
Input Current
V
IN =VCC
V
CC = 3.6V or 0V
|1.5|
|20|
µA
V
IN = 0V
|1.5|
|20|
µA
∆I
IN
Change in Magnitude of I
IN
V
IN =VCC
16
µA
V
IN =0V
1
6
µA
V
FSOD
Fail-safe BLVDS Outputs
(OUT+ is a more positive
voltage than OUT−)
(Note 5)
Inputs open,
shorted, or
terminated
R
L =27
Ω
250
350
500
mV
R
L =50
Ω
350
450
600
mV
SUPPLY CURRENT
I
CCD
Total Dynamic Supply Current
(includes load current)
EN=V
CC,RL =27
Ω or 50Ω,C
L =15pF,
Freq. = 200MHz 50% duty cycle,
V
ID = 200mV, VCM = 1.2V
50
65
mA
I
CCZ
TRI-STATE Supply Current
EN = 0V,Freq. = 200MHz 50% duty cycle,
V
ID = 200mV, VCM= 1.2V
36
46
mA
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS (OUT)
t
PHLD
Differential Propagation Delay
High to Low
(Note 10)
V
ID = 200mV, VCM = 1.2V,
R
L =27
Ω or 50Ω,C
L = 15pF
Figure 3 and Figure 4
1.0
1.4
2.0
ns
t
PLHD
Differential Propagation Delay
Low to High
(Note 10)
1.0
1.4
2.0
ns
t
SKD1
Pulse Skew |t
PLHD −tPHLD|
(measure of duty cycle)
(Notes 5, 6)
0
20
200
ps
t
SKD3
Part-to-Part Skew (Note 5)
(Note 7)
0
200
300
ps
t
SKD4
Part-to-Part Skew (Note 5)
(Note 8)
01
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com