Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO2EV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # VCXO2EV
Description  CMOS VCXO for Harsh Environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

VCXO2EV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  VCXO2EV Datasheet HTML 1Page - Golledge Electronics Ltd VCXO2EV Datasheet HTML 2Page - Golledge Electronics Ltd VCXO2EV Datasheet HTML 3Page - Golledge Electronics Ltd VCXO2EV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCXO2EV 1/4
v1.0
VCXO2EV
VCXO2EV
CMOS VCXO for Harsh Environments
CMOS VCXO for Harsh Environments
Suitable for Avionics, Down-hole, Geothermal etc
Extreme temperature ranges up to 210°C
High stability & low ageing under extremes
High shock & vibration resistance
Low current consumption
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Absolute pulling range (max)
see note below
Any
±130ppm over -40 to +85°C
B
±110ppm over -55 to +125°C
C
±90ppm over -10 to +150°C
R
±50ppm over -10 to +175°C
S
±30ppm over -10 to +210°C
T
Terminations
Gold plated pads
Tinned Ag/Cu/Zn
T
APR is inclusive of calibration @ 25°C, operating temperature range, supply voltage change, load change and
ageing (1 year)
*
*


Similar Part No. - VCXO2EV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
VCXO2EV-B10T3 MICROCRYSTAL-VCXO2EV-B10T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B12.288T3 MICROCRYSTAL-VCXO2EV-B12.288T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B12.8T3 MICROCRYSTAL-VCXO2EV-B12.8T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B20T3 MICROCRYSTAL-VCXO2EV-B20T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
VCXO2EV-B24.576T3 MICROCRYSTAL-VCXO2EV-B24.576T3 Datasheet
338Kb / 2P
Downhole and Well drilling equipments
More results

Similar Description - VCXO2EV

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
Analog PE Smoke Sensor for Harsh Environments
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
IP68 sealed to endure harsh environments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com