Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN29F08070T Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # EN29F08070T
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F08070T Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button EN29F08070T Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 17Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
14
EN29F080
Rev. C, Issue Date: 2001/07/05
toggling, the device has completed the program or erase operation. The system can read array data on
DQ7–DQ0 on the following read cycle.
However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the
sys-tem also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system
should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped
toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully
completed the program or erase operation. If it is still toggling, the device did not complete the operation
successfully, and the system must write the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has
not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read
cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to
perform other system tasks. In this case, the system must start at the beginning of the algorithm when it
returns to determine the status of the operation (top of Flowchart 6).
Write Operation Status
Operation
DQ7
DQ6
DQ5
DQ3
DQ2
RY/BY
#
Embedded Program
Algorithm
DQ7#
Toggle
0
N/A
No
toggle
0
Standard
Mode
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Reading within Erase
Suspended Sector
1
No
Toggle
0
N/A
Toggle
1
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase
Suspend
Mode
Erase-Suspend Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com