Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2839S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ES2839S
Description  V.90/V.92 PCI HSP Modem Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES2839S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ES2839S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0341-041101
3
ES2839/ES2840 PRODUCT BRIEF
PIN DESCRIPTIONS
Table 1 lists the ES2839 pin descriptions, and Table 2 lists the
ES2840 pin descriptions.
Table 1 ES2839 Pin Descriptions
Name
Pin Number
I/O
Definitions
C/BE3:0#
1, 13, 21, 31
I/O
Multiplexed bus command/byte enable pins. These pins indicate cycle type during the address phase of a transaction.
They indicate active-low byte enable information for the current data phase during the data phases of a transaction.
These pins are inputs during slave operation and outputs during bus mastering operation.
IDSEL
2
I
Initialization device select, active-high. This pin is used as a chip select during PCI configuration read and write cycles.
GND
3, 15, 22, 41,
52, 61, 64, 91
G
Digital ground.
AD31:0
4:11, 23:30,
33:40, 92:99,
I/O
Address and data pins AD31:0.
VDD
12, 32, 46, 51,
58, 89, 100
P
Digital voltage pins [VDD (3.3V)].
FRAME#
14
I/O
Cycle frame, active-low. The current PCI bus master drives this pin to indicate the beginning and duration of a
transaction.
IRDY#
16
I/O
Initiator ready, active-low. The current PCI bus master drives this pin to indicate that, as the initiator, it is ready to transmit
or receive data (and complete the current data phase).
TRDY#
17
I/O
Target ready, active-low. The current PCI bus master drives this pin to indicate that, as the target device, it is ready to
transmit or receive data (and complete the current data phase)
DEVSEL#
18
I/O
Device select, active-low. The PCI bus target device drives this pin to indicate that it has decoded the address of the
current transaction as its own chip select range.
STOP#
19
I/O
Stop transaction, active-low. The current PCI bus target drives this pin active to indicate a request to the master to stop
the current transaction.
PAR
20
I/O
Parity, active-high. Indicates even parity across AD[31:0] and C/BE[3:0]# for both address and data phases. The signal is
delayed one PCI clock from either the address or data phase for which parity is generated.
SEDO
42
I
Serial EPROM data output pin with internal pullup.
SEDI
43
O
Serial EPROM data input.
SECLK
44
O
Serial EPROM data clock input pin with internal pulldown.
SECS
45
O
Serial EPROM chip select pin with internal pulldown.
PF[9:7],
PF[5:4] and
PF[2]
47, 49, 50,
55:53,
I/O
PF2, PF4, PF5, and PF[7:9] general-purpose programmable bidirectional flag pins. Can be used for interfacing with a
telephone or other device, performing such functions as phone-off-hook, phone-on-hook, ring, and caller ID. Refer to pin
descriptions of pins 48 and 57 for preprogrammed telephone interface pins.
LCS/PF3
48
I
Local current sense input, pulled to ground through 4.7k
Ω resistor. Otherwise, is PF# general-purpose programmable
flag I/O pin.
DSPK/PF11
57
I/O
DSPK/PF11 modem speaker digital output.
OSCI
59
I
18.816-MHz crystal oscillator input.
OSCO
60
O
18.816-MHz crystal oscillator output.
D[6:5]
63, 64
I/O
Isolation signal outputs.
AVDD
65, 82
P
Analog voltage pins [AVDD (5V)].
AGND
68, 81
G
Analog ground.
NC
66, 67, 75, 76
I
No connect.
KRXP
69
O
Low-voltage DAA analog differential positive output.
KRXN
70
O
Low-voltage DAA analog differential negative output.
RXN
71
I
Codec analog differential negative input. The DC level is Vcm, and the full-scale input is either 0.22 Vp-p ±5% or 1.1V
p-p±5%, depending on the gain setting.
RXP
72
I
Codec analog differential positive input. The DC level is Vcm, and the full-scale input is either 0.22 Vp-p ±5% or 1.1V
p-p±5%, depending on the gain setting.
VREF
73
O
Voltage reference bypass. Has a range of 1.2356V±5%. Bypass to AGND with 0.1-
µF ceramic chip capacitor parallel
with 10-
µF tantalum capacitor.
VCM
74
O
Common mode voltage bypass. Has a range of 2.16V±5%. Bypass to AGND with 0.1-
µF ceramic chip capacitor parallel
with 10-
µF tantalum capacitor.
KTXP
77
I
Low-voltage DAA analog differential positive input.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com