Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200071 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200071
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200071 Datasheet(HTML) 1 Page - E-SWITCH

  B200071 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3265GQNN
4:1
7/5/2017
B200071
B
rc
1
1
3
4
2
1
6
5
6
5
4
2
1
3
+
-
20
MCD
LED SPECS
FORWARD VOLTAGE
FORWARD CURRENT
GREEN
800 TYP.
2.1 TYP. - 2.5 MAX.
UNITS
mA
V
LUMINOUS INTENSITY
A
22935
New Release
7/20/17
rc
7.00
[.276 in]
2.30
[.091 in]
7.20
[.283 in]
7.20
[.283 in]
10.0
[.394 in]
10.0
[.394 in]
.30
[.012 in]
1.00
[.039 in]
4.20
[.165 in]
7.00
[.276 in]
6.80
[.268 in]
GREEN
LED
.20
[.008 in]
4.50
[.177 in]
.70
[.028 in]
1.30
[.051 in]
1.50
[.059 in]
1.80
[.071 in]
1.80
[.071 in]
3.20
[.126 in]
7.40
[.291 in]
7.40
[.291 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -40 C to 85 C
9. OPEREATING LIFE 500,000 CYCLES
10. LED COLOR: GREEN
11.
DENOTED CRITICAL PARAMETER
12. 2011/65/EU (ROHS) COMPLIANT
13. PACKAGE: 450 PIECES PER REEL.
14. PART TO BE HALOGEN FREE.
ALL TERMINALS TO BE
COPLANER WITHIN
0.1mm(0.004")
.40
[.016 in]
.50
[.020 in]
2
4
3
CIRCUIT: SPST
OFF - (ON)
1
6
5
+
-
B
23036
update Package Note
10/9/17
MW
CATHODE
(COLOR MARK ON
CATHODE SIDE)


Similar Part No. - B200071

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200070 E-SWITCH-B200070 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200072 E-SWITCH-B200072 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200073 E-SWITCH-B200073 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200074 E-SWITCH-B200074 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200075 E-SWITCH-B200075 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200071

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com