Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200075 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200075
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200075 Datasheet(HTML) 1 Page - E-SWITCH

  B200075 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3265RQSCLR
4:1
7/5/2017
B200075
B
rc
1
1
3
4
2
1
6
5
6
5
4
2
1
3
-
+
LUMINOUS INTENSITY
V
UNITS
FORWARD CURRENT
mA
1.95 TYP. - 2.5 MAX
20
RED
1800 TYP.
FORWARD VOLTAGE
LED SPECS
MCD
A
22935
New Release
7/20/17
rc
8.00
[.315 in]
11.65
[.46 in]
10.0
[.394 in]
10.0
[.394 in]
.30
[.012 in]
4.20
[.165 in]
7.00
[.276 in]
6.80
[.268 in]
.20
[.008 in]
4.50
[.177 in]
.70
[.028 in]
1.30
[.051 in]
1.50
[.059 in]
1.80
[.071 in]
1.80
[.071 in]
3.20
[.126 in]
7.40
[.291 in]
7.40
[.291 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -40 C to 85 C
9. OPEREATING LIFE 500,000 CYCLES
10. LED COLOR: RED
11.
DENOTED CRITICAL PARAMETER
12. 2011/65/EU (ROHS) COMPLIANT
13. PACKAGE: SWITCHES ARE 450 PIECES PER REEL
BUTTONS WILL BE BAGGED SEPERATE
450 BUTTONS PER BAG.
14. PART TO BE HALOGEN FREE.
15. BUTTONS TO BE ASSEMBLED ONTO THE SWITCH AFTER SOLDERING.
ALL TERMINALS TO BE
COPLANER WITHIN
0.1mm(0.004")
5.00
[.197 in]
5.80
[.228 in]
2.30
[.091 in]
.40
[.016 in]
B
23036
update Package Note
10/9/17
MW
.50
[.020 in]
2
4
3
CIRCUIT: SPST
OFF - (ON)
1
6
5
+
-
CATHODE
(COLOR MARK ON
CATHODE SIDE)
CLEAR BUTTON
WITH
RED LED


Similar Part No. - B200075

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200070 E-SWITCH-B200070 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200071 E-SWITCH-B200071 Datasheet
176Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200072 E-SWITCH-B200072 Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200073 E-SWITCH-B200073 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200074 E-SWITCH-B200074 Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200075

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com