Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4303R/T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4303R/T
Description  Voltage Sample and Infinite Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303R/T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4303R/T Datasheet HTML 1Page - Maxim Integrated Products DS4303R/T Datasheet HTML 2Page - Maxim Integrated Products DS4303R/T Datasheet HTML 3Page - Maxim Integrated Products DS4303R/T Datasheet HTML 4Page - Maxim Integrated Products DS4303R/T Datasheet HTML 5Page - Maxim Integrated Products DS4303R/T Datasheet HTML 6Page - Maxim Integrated Products DS4303R/T Datasheet HTML 7Page - Maxim Integrated Products DS4303R/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Voltage Sample and Infinite Hold
4
_____________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
3.55
3.50
3.35
3.40
3.45
3.30
3.60
-350
-300
-250
-200
-100
-150
-50
0
-400
LINE REGULATION
(VOUT = 3.0V)
SUPPLY VOLTAGE (V)
TA = -40
°C
TA = +25
°C
TA = +85
°C
IL = 0mA
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VCC = 3.6V)
FREQUENCY (kHz)
100
25
30
35
40
45
50
20
10
1,000
VOUT = 0.3 V,
VCC-AC = 300mV
VOUT = 3.0 V,
VCC-AC = 300mVRMS
DS4303 OUTPUT NOISE
(0.1Hz TO 10Hz)
TIME (s)
3
2
1
-200
-100
0
100
200
300
-300
04
VCC = 3.6V
VOUT = 3.0V
DS4303 OUTPUT NOISE
(10Hz to 1kHz)
FREQUENCY (Hz)
100
1
2
3
4
5
6
0
10
1000
VCC = 3.6V
VOUT = 3.0V
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0
DS4303 TURN-ON
TRANSIENT
1
µs/div
VCC
VOUT
COUT =100pF
DS4303 LOAD TRANSIENT
(VOUT = 3.3V, VCC = 3.6V)
DS4303 toc12
0.2ms/div
+1mA
-1mA
VOUT
AC-COUPLED
200mV/div
IOUT
-3
-2
-1
0
1
2
3
-4
LOAD REGULATION
(VOUT = 3.0V)
LOAD CURRENT (mA)
0.5
0
-0.5
-1.0
1.0
VCC = 3.6V
TA = -40
°C
TA = +25
°C
TA = +85
°C
LINE REGULATION
(VOUT = 0.3V)
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
-2500
-2000
-1500
-1000
-500
0
-3000
2.4
3.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
IL = 0mA
LOAD REGULATION
(VOUT = 0.3V)
LOAD CURRENT (mA)
0.5
0
-0.5
-4
-3
-2
-1
0
1
2
3
4
5
-5
-1.0
1.0
VCC = 3.0V
TA = -40
°C
TA = +25
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com