Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8260 Datasheet HTML 17Page - Analog Devices AD8260 Datasheet HTML 18Page - Analog Devices AD8260 Datasheet HTML 19Page - Analog Devices AD8260 Datasheet HTML 20Page - Analog Devices AD8260 Datasheet HTML 21Page - Analog Devices AD8260 Datasheet HTML 22Page - Analog Devices AD8260 Datasheet HTML 23Page - Analog Devices AD8260 Datasheet HTML 24Page - Analog Devices AD8260 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD8260
Rev. B | Page 21 of 32
32
2
3
6
31
30
1.5kΩ
1kΩ
29
27
26
25
1kΩ 1.5kΩ
GM
9
24
23
22
21
VMID
4
×1
1
AD8260
VMDO
TXEN
VMDI
VNCM
VPSB
ENBL
VGAP
VGAN
VOCM
INPP
TXOP
TXOP
VPOS
VPOS
VPSR
VMDO
PRAI
FDBK
50Ω
0.1µF
0.1µF
0V, 1.8V/3.3V
0V, 1.8V/3.3V
5
3.3V
7
8
0.1µF
0.1µF
1.8V OR 3.3V
ADC
FS INPUT
2V p-p
INP
INN
10
3.3V
11
12
13
14
16
15
17
18
19
RFB1
100Ω
RFB2
100Ω
0.1µF
20
3.3V
0.1µF
0.1µF
POWERLINE
CABLE, ETC.
OPTIONAL CLAMP DIODES
AND SNUBBING RESISTORS
0.1µF
0.1µF
50Ω
1.8V OR 3.3V
20mA DAC
1V MAX WITH
200mA pk
BIAS
ATTENUATOR
GM STAGES
LOGIC
28
CFB
OPTIONAL USER SELECTED
CFB REDUCES HF PEAKING
WITH CAPACITIVE LOADING
LOW-PASS
AA FILTER
+–
Figure 64. Block Diagram and Basic Application Connections
HIGH CURRENT DRIVER AMPLIFIER
The high current driver amplifier can deliver very large output
currents suitable for driving complex impedances, such as a
power line, a 50 Ω line, or a coaxial cable. The input of the
amplifier is fully differential and intended to be driven by a
differential current-output DAC, as shown in Figure 64. The
differential input signal is amplified by 1.5× and produces a
2.25 V p-p single-ended output signal from a 1.5 V p-p input
signal. A DAC with 15 mA maximum output current into a
50 Ω load provides 1.5 V p-p of input voltage and results in
2.25 V p-p at the output. A DAC whose output is 20 mA produces
an output swing of 3 V p-p (neglecting a small gain error when
driving the parallel combination of the 50 Ω load-resistor and the
internal 1 kΩ gain resistor of the AD8260).
For a 3.3 V supply rail, the maximum limit of the output voltage
is 3 V p-p and distorts severely if exceeded. The recommended
output for optimum distortion is 2 V p-p for a 3.3 V supply.
Correspondingly, larger output swings are accommodated for
higher supply voltages such as +5 V or ±5 V.
For optimum distortion, the input drive must be controlled
such that the output swing is well within saturation levels
established by the supply rail. The output swing can be reduced
by using load resistors with values less than 50 Ω or by reducing
the amplifier gain by connecting external resistors in parallel
with the internal 1 kΩ and 1.5 kΩ resistors between Pin 27,
Pin 28, and Pin 29, and between Pin 30, Pin 31, and Pin 32.
Coincidently, noise is reduced because the gain setting resistors
are the primary noise sources of the high current driver amplifier.
The output-referred noise is 14 nV/Hz, of which 11 nV/Hz is
due to the gain setting resistors. Matching of the gain setting
resistors is important for good common-mode rejection and the
accuracy of the differential gain. If external resistors are used,
their accuracy should be at least ±1%. How low the resistor
values can be is primarily determined by the quality of the ac
ground at Pin VOCM; as the gain setting resistors decrease in
value, the dynamic current increases, and the quality of the
decoupling capacitors needs to increase correspondingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com