Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5202 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5202
Description  Wide Dynamic Range, High Speed Digitally Controlled VGA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5202 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5202 Datasheet HTML 9Page - Analog Devices ADL5202 Datasheet HTML 10Page - Analog Devices ADL5202 Datasheet HTML 11Page - Analog Devices ADL5202 Datasheet HTML 12Page - Analog Devices ADL5202 Datasheet HTML 13Page - Analog Devices ADL5202 Datasheet HTML 14Page - Analog Devices ADL5202 Datasheet HTML 15Page - Analog Devices ADL5202 Datasheet HTML 16Page - Analog Devices ADL5202 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADL5202
Rev. D | Page 13 of 29
CH2 500mV/DIV
CH3 50mV/DIV
TIME (10ns/DIV)
Figure 36. Gain Step Time Domain Response
FREQUENCY (MHz)
–200
–150
–100
–50
0
50
100
150
200
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1000
MAGNITUDE MAX GAIN
MAGNITUDE MIN GAIN
PHASE MAX GAIN
PHASE MIN GAIN
Figure 37. S11 Magnitude and Phase vs. Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–15
–10
–5
0
5
10
15
20
25
PROGRAMMED GAIN (dB)
Figure 38. Gain Step Error, Frequency = 140 MHz
0pf
5.6pf DIFFERENTIAL
INPUT
200mV/DIV
TIME (1ns/DIV)
Figure 39. Large Signal Pulse Response, 0 pF and 5.6 pF, 2 V p-p Composite
FREQUENCY (MHz)
–200
–150
–100
–50
0
50
100
10
100
1000
MAGNITUDE MAX GAIN
MAGNITUDE MIN GAIN
PHASE MAX GAIN
PHASE MIN GAIN
150
200
250
300
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 40. S22 Magnitude and Phase vs. Frequency
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
CHANNEL A TO CHANNEL B
CHANNEL A = MAX GAIN
CHANNEL B = ALL GAINS
CHANNEL B TO CHANNEL A
CHANNEL B = MAX GAIN
CHANNEL A = ALL GAINS
Figure 41. Channel Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com