Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV3219ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
ADV3219/ADV3220
Data Sheet
Rev. A | Page 18 of 18
OUTLINE DIMENSIONS
2.44
2.34
2.24
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
0.20 MIN
Figure 57. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-11)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding Code
ADV3219ACPZ
−40°C to +85°C
8-Lead LFCSP_WD
CP-8-11
F0H
ADV3219ACPZ-RL
−40°C to +85°C
8-Lead LFCSP_WD, 13”Tape and Reel
CP-8-11
F0H
ADV3219ACPZ-R7
−40°C to +85°C
8-Lead LFCSP_WD, 7”Tape and Reel
CP-8-11
F0H
ADV3220ACPZ
−40°C to +85°C
8-Lead LFCSP_WD
CP-8-11
F0J
ADV3220ACPZ-RL
−40°C to +85°C
8-Lead LFCSP_WD, 13”Tape and Reel
CP-8-11
F0J
ADV3220ACPZ-R7
−40°C to +85°C
8-Lead LFCSP_WD, 7”Tape and Reel
CP-8-11
F0J
ADV3219-EVALZ
Evaluation Board
ADV3220-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2010–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08649-0-5/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com