Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC680LP4 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC680LP4
Description  BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC680LP4 Datasheet(HTML) 4 Page - Analog Devices

  HMC680LP4 Datasheet HTML 1Page - Analog Devices HMC680LP4 Datasheet HTML 2Page - Analog Devices HMC680LP4 Datasheet HTML 3Page - Analog Devices HMC680LP4 Datasheet HTML 4Page - Analog Devices HMC680LP4 Datasheet HTML 5Page - Analog Devices HMC680LP4 Datasheet HTML 6Page - Analog Devices HMC680LP4 Datasheet HTML 7Page - Analog Devices HMC680LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC680LP4 / 680LP4E
v03.0609
BiCMOS MMIC 5-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 30 - 400 MHz
Absolute Maximum Ratings
rf input power
20 dbm
rf Output power
22 dbm
digital inputs (b0-b4, latch enable)
-0.5 to Vdd +0.5V
bias Voltage (Vdd)
5.6 V
Channel temperature
125 °C
Continuous pdiss (t = 85 °C)
(derate 42 mW/°C above 85 °C)
1.7 W
thermal resistance
(channel to ground paddle)
24 °C/W
storage temperature
-65 to +150 °C
Operating temperature
-40 to +85 °C
eleCtrOstatiC sensitiVe deViCe
ObserVe Handling preCaUtiOns
Amp Bias Voltage
Vdd rf (V)
idd (typ.) (ma)
5V
244
attenUatiOn (db)
b4[1]
b3[1]
b2
b1
b0
0
0
0
0
0
0
1
0
0
0
0
1
2
0
0
0
1
0
3
0
0
0
1
1
4
0
0
1
0
0
5
0
0
1
0
1
6
0
0
1
1
0
7
0
0
1
1
1
8
0
1
0
0
0
9
0
1
0
0
1
10
0
1
0
1
0
11
0
1
0
1
1
12
0
1
1
0
0
13
0
1
1
0
1
14
0
1
1
1
0
15
0
1
1
1
1
16
1
X
0
0
0
17
1
X
0
0
1
18
1
X
0
1
0
19
1
X
0
1
1
20
1
X
1
0
0
21
1
X
1
0
1
22
1
X
1
1
0
23
1
X
1
1
1
[1] enabling b4 disables b3, the minimum attenuation is 16 db
Truth Table
Harmonics vs. Frequency
Supply Current vs. Temperature
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
0.6
2nd Harmonic
3rd Harmonic
FREQUENCY (GHz)
200
220
240
260
280
4.5
5
5.5
-40C
+25C
+85C
VOLTAGE (V)
Control Interface:
the gain of HmC680lp4(e) is controlled by adjusting the state of the attenuator. the attenuator has a 5-bit parallel
CmOs/ttl compatible interface. state of the attenuator can be set with respect to the truth table above.
Power on sequence:
the ideal power up sequence is: gnd, Vdd, digital inputs, rf inputs. relative order of the digital inputs is not
important as long as they are powered after Vdd/gnd.
Control Voltage Table
state
Vdd = +3V
Vdd = +5V
low
0 to 0.5V @ <1 µa
0 to 0.8V @ <1 µa
High
2 to 3V @ <1 µa
2 to 5V @ <1 µa
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com